PART |
Description |
Maker |
D2148 |
4K-Bit HMOS Static RAM
|
General Electric Solid State
|
UPD4016 |
2048 x 8 Bit Static NMOS RAM
|
NEC
|
HM6117LP-4 |
2048-word x 8-Bit High Speed Static CMOS RAM
|
Hitachi Semiconductor
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IDT71V428YS10YYYG IDT71V428YS10YYYGI IDT71V428S10Y |
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit) 3.3V 1M x 4 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
IC62VV51216LL IC62VV51216L IC62VV51216L-70B IC62VV |
512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
UPD431000AGU-70LL-9JH UPD431000AGU-70LL-9KH UPD431 |
1M-bit (128K-word by 8-bit) CMOS static RAM, 70ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 100ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 120ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 150ns
|
NEC
|
M5M5V208FP-10LL-W M5M5V208FP-10L-W M5M5V208FP-12LL |
From old datasheet system Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word8位)的CMOS静态RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静态RAM
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
LC87F40C8A |
Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704×10-bit CRT Display RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
IC62LV25616LL IC62LV25616L IC62LV25616LL-70T IC62L |
256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|